Part Number Hot Search : 
L4993MD AO741 MAX173 DT72V DT72V AD382 00BZXI C2500
Product Description
Full Text Search
 

To Download IRFP460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 91237 www.vishay.com s-81360-rev. a, 28-jul-08 1 power mosfet IRFP460, sihfp460 vishay siliconix features ? dynamic dv/dt rating ? repetitive avalanche rated ? isolated central mounting hole ? fast switching ? ease of paralleling ? simple drive requirements ? lead (pb)-free available description third generation power mosfet s from vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of to-220 devices. the to-247 is similar but superior to the earlier to-218 package because its isolated mounting hole. it also provides greater creepage distances between pins to meet the requirements of mo st safety specifications. notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. v dd = 50 v, starting t j = 25 c, l = 4.3 mh, r g = 25 , i as = 20 a (see fig. 12). c. i sd 20 a, di/dt 160 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. product summary v ds (v) 500 r ds(on) ( )v gs = 10 v 0.27 q g (max.) (nc) 210 q gs (nc) 29 q gd (nc) 110 configuration single n -channel mosfet g d s to-247 g d s a v aila b le rohs* compliant ordering information package to-247 lead (pb)-free IRFP460pbf sihfp460-e3 snpb IRFP460 sihfp460 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 20 continuous drain current v gs at 10 v t c = 25 c i d 20 a t c = 100 c 13 pulsed drain current a i dm 80 linear derating factor 2.2 w/c single pulse avalanche energy b e as 960 mj repetitive avalanche current a i ar 20 a repetitive avalanche energy a e ar 28 mj maximum power dissipation t c = 25 c p d 280 w peak diode recovery dv/dt c dv/dt 3.5 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 300 d mounting torque 6-32 or m3 screw 10 lbf in 1.1 n m * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com document number: 91237 2 s-81360-rev. a, 28-jul-08 IRFP460, sihfp460 vishay siliconix notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja -40 c/w case-to-sink, flat, greased surface r thcs 0.24 - maximum junction-to-case (drain) r thjc -0.45 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.63 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 25 a v ds = 400 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 12 a b --0.27 forward transconductance g fs v ds = 50 v, i d = 12 a b 13 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 4200 - pf output capacitance c oss - 870 - reverse transfer capacitance c rss - 350 - total gate charge q g v gs = 10 v i d = 20 a, v ds = 400 v see fig. 6 and 13 b - - 210 nc gate-source charge q gs --29 gate-drain charge q gd - - 110 turn-on delay time t d(on) v dd = 250 v, i d = 20 a , r g = 4.3 , r d = 13 , see fig. 10 b -18- ns rise time t r -59- turn-off delay time t d(off) - 110 - fall time t f -58- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -5.0- nh internal source inductance l s -13- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --20 a pulsed diode forward current a i sm --80 body diode voltage v sd t j = 25 c, i s = 20 a, v gs = 0 v b --1.8v body diode reverse recovery time t rr t j = 25 c, i f = 20a, di/dt = 100 a/s b - 570 860 ns body diode reverse recovery charge q rr -5.78.6c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) d s g s d g
document number: 91237 www.vishay.com s-81360-rev. a, 28-jul-08 3 IRFP460, sihfp460 vishay siliconix typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics, t c = 25 c fig. 2 - typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature v ds , drain-to-so u rce v oltage ( v ) i d , drain c u rrent (a) 20 s p u lse w idth t c = 25 c 4.5 v 10 1 10 0 10 0 10 1 bottom to p v gs 15 v 10 v 8 .0 v 7.0 v 6.0 v 5.5 v 5.0 v 4.5 v 91237_01 4.5 v bottom to p v gs 15 v 10 v 8 .0 v 7.0 v 6.0 v 5.5 v 5.0 v 4.5 v 20 s p u lse w idth t c = 150 c 10 1 10 0 10 0 10 1 i d , drain c u rrent (a) 91237_02 v ds , drain-to-so u rce v oltage ( v ) 91237_03 25 c 150 c 20 s p u lse w idth v ds = 50 v 10 1 10 0 i d , drain c u rrent (a) v gs , gate-to-so u rce v oltage ( v ) 567 8 910 4 91237_04 i d = 20 a v gs = 10 v 3.5 0.0 0.5 1.0 1.5 2.0 2.5 - 60 - 40 - 20 0 20 40 60 8 0 100 120 140 160 t j , j u nction temperat u re ( c) r ds(on) , drain-to-so u rce on resistance ( n ormalized) 3.0
www.vishay.com document number: 91237 4 s-81360-rev. a, 28-jul-08 IRFP460, sihfp460 vishay siliconix fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area 91237_05 10 000 8 000 6000 4000 0 2000 10 0 10 1 capacitance (pf) v ds , drain-to-so u rce v oltage ( v ) c iss c rss c oss v gs = 0 v , f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 91237_06 i d = 20 a v ds = 250 v for test circ u it see fig u re 13 v ds = 100 v v ds = 400 v q g , total gate charge (nc) v gs , gate-to-so u rce v oltage ( v ) 20 16 12 8 0 4 0 40 200 160 120 8 0 91237_07 10 2 v sd , so u rce-to-drain v oltage ( v ) i sd , re v erse drain c u rrent (a) 0.6 1.2 1.0 0. 8 1.6 1.4 25 c 150 c v gs = 0 v 10 1 1. 8 2.0 91237_0 8 10 s 100 s 1 ms 10 ms operation in this area limited b y r ds(on) t c = 25 c t j = 150 c single p u lse i d , drain c u rrent (a) 10 3 2 5 2 5 2 5 v ds , drain-to-so u rce v oltage ( v ) 1 10 10 2 10 3 25 25 25 1 10 10 2
document number: 91237 www.vishay.com s-81360-rev. a, 28-jul-08 5 IRFP460, sihfp460 vishay siliconix fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11a - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms i d , drain c u rrent (a) t c , case temperat u re (c) 0 8 12 16 20 25 150 125 100 75 50 4 91237_09 p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f 91237_11 0 - 0.5 0.2 0.1 0.05 0.01 single p u lse (thermal response) p dm t 1 t 2 n otes: 1. d u ty factor, d = t 1 /t 2 2. peak t j = p dm x z thjc + t c 0.02 thermal response (z th jc ) 1 0.1 10 -3 t 1 , rectang u lar p u lse d u ration (s) 10 -5 10 -4 10 -3 10 -2 0.1 1 10 10 -2 r g i as 0.01 t p d.u.t l v ds + - v dd a 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p
www.vishay.com document number: 91237 6 s-81360-rev. a, 28-jul-08 IRFP460, sihfp460 vishay siliconix fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit 91237_12c bottom to p i d 8 .9 a 13 a 20 a v dd = 50 v 2400 0 400 8 00 1200 1600 2000 25 150 125 100 75 50 starting t j , j u nction temperat u re (c) e as , single p u lse energy (mj) q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + -
document number: 91237 www.vishay.com s-81360-rev. a, 28-jul-08 7 IRFP460, sihfp460 vishay siliconix fig. 14 - for n-channel vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91237. p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? dri v er same type as d.u.t. ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g
package information www.vishay.com vishay siliconix revision: 01-jul-13 1 document number: 91360 for technical questions, contact: hvm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 to-247ac (high voltage) notes 1. dimensioning and tolera ncing per asme y14.5m-1994. 2. contour of slot optional. 3. dimension d and e do not include mold fl ash. mold flash shall not ex ceed 0.127 mm (0.005") per side . these dimens ions are mea sured at the outermost extremes of the plastic body. 4. thermal pad contour optional with dimensions d1 and e1. 5. lead finish un controlled in l1. 6. ? p to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154"). 7. outline conforms to jedec outline to-247 with exceptio n of dimension c. 8. xian and mingxin actually photo. millimeters inches millimeters inches dim. min. max. min. max. dim. min. max. min. max. a 4.58 5.31 0.180 0.209 d2 0.51 1.30 0.020 0.051 a1 2.21 2.59 0.087 0.102 e 15.29 15.87 0.602 0.625 a2 1.17 2.49 0.046 0.098 e1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 bsc 0.215 bsc b1 0.99 1.35 0.039 0.053 ? k 0.254 0.010 b2 1.53 2.39 0.060 0.094 l 14.20 16.25 0.559 0.640 b3 1.65 2.37 0.065 0.093 l1 3.71 4.29 0.146 0.169 b4 2.42 3.43 0.095 0.135 n 7.62 bsc 0.300 bsc b5 2.59 3.38 0.102 0.133 ? p 3.51 3.66 0.138 0.144 c 0.38 0.86 0.015 0.034 ? p1 - 7.39 - 0.291 c1 0.38 0.76 0.015 0.030 q 5.31 5.69 0.209 0.224 d 19.71 20.82 0.776 0.820 r 4.52 5.49 0.178 0.216 d1 13.08 - 0.515 - s 5.51 bsc 0.217 bsc ecn: x13-0103-rev. d, 01-jul-13 dwg: 5971 0.10 a c m m e e/2 (2) (4) r/2 b 2 x r s d see view b 2 x e b4 3 x b 2 x b2 l c l1 1 2 3 q d a a2 a a a1 c ? k b d m m a ?p (datum b) ?p1 d1 4 e1 0.01 b d m m view a - a thermal pad d2 dde e c c view b (b1, b3, b5) base metal c1 (b, b2, b4) section c - c, d - d, e - e (c) planting 4 3 5 7 4 4 4 lead assignments 1. gate 2. drain 3. source 4. drain
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of IRFP460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X